PART |
Description |
Maker |
AS6VA25616-BC AS6VA25616-TC |
High Speed, Low Cost, Op Amp; Package: SOT-23; No of Pins: 6; Temperature Range: Automotive 256K X 16 STANDARD SRAM, 55 ns, PBGA48 High Speed, Low Cost, Triple Op-Amp; Package: SOIC; No of Pins: 14; Temperature Range: Automotive
|
Alliance Semiconductor, Corp. ALLIANCE SEMICONDUCTOR CORP
|
MAX1455 |
Low-Cost Automotive Sensor Signal Conditioner
|
Maxim
|
LAXP2-5E-5TN144E LAXP2-8E-5QN208E LAXP2-8E-5TN144E |
Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free TQFP; Pins: 144; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PQFP144 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free PQFP; Pins: 208; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PQFP208 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free TQFP; Pins: 144; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PQFP144 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free PQFP; Pins: 208; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PQFP208 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free ftBGA; Pins: 256; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PBGA256 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free ftBGA; Pins: 256; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PBGA256 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free csBGA; Pins: 132; Temperature: AUTO; LUTs (k): 8
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
IDT79R3041 IDT79R3041-16 IDT79R3041-20 IDT79R3041- |
32-bit Low-Cost CPU. **NOT RECOMMENDED FOR NEW DESIGNS** INTEGRATED RISController FOR LOW-COST SYSTEMS INTEGRATED RISController? INTEGRATED RISController⑩ FOR LOW-COST SYSTEMS
|
IDT[Integrated Device Technology]
|
5962-9458507HMA 5962-9458507HMC 5962-9458506H9A 59 |
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs EEPROM EEPROM Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps EEPROM High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers EEPROM Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs EEPROM
|
Silicon Storage Technology, Inc. Glenair, Inc.
|
MAX703 MAX703C_D MAX703CPA MAX703CSA MAX703EPA MAX |
Low-Cost レP Supervisory Circuits with Battery Backup 低成本レP监控电路,带有备用电 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CDIP -55 to 125 LOW-COST ヌP SUPERVISORY CIRCUITS WITH BATTERY BACKUP Low-Cost P Supervisory Circuits with Battery Backup Low-Cost μP Supervisory Circuits with Battery Backup
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX705 MAX705CPA MAX705CSA MAX705CUA MAX705EPA MAX |
Quadruple 2-Input Multiplexers With Storage 16-CFP -55 to 125 Quadruple 2-Input Multiplexers With Storage 16-CDIP -55 to 125 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug Low-Cost / uP Supervisory Circuits From old datasheet system Low-Cost uP Supervisory Circuits Low-Cost, μP Supervisory Circuits Low-Cost, uP Supervisory Circuits
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
AD74122 |
Low Cost, Low Power Mono Audio Codec 2.5 V, 24-Bit Sigma-Delta Stereo Codec AD74122: Low Cost. Low Power Stereo Audio Codec Preliminary Data Sheet (Rev. PrG. 1/03)
|
Analog Devices, Inc.
|
PSD303-B-15J PSD303-B-15L PSD303-B-15M PSD303-B-15 |
Low Cost Field Programmable Microcontroller Peripherals PSD3XX/ZPSD3XX FAMILY LOW COST MICROCONTROLLER PERIPHERALS PSD3XX/ZPSD3XX FAMILY LOW COST MICROCONTROLLER PERIPHERALS Low cost field programmable microcontroller peripherals, 150ns Low cost field programmable microcontroller peripherals, 70ns
|
ST Microelectronics SGS Thomson Microelectronics
|
CY23S0904 CY23S09ZXC-1H CY23S05SXC-1H CY23S09SXC-1 |
Low-Cost 3.3V Spread Aware Zero Delay Buffer(低价.3V Spread Aware零延迟缓冲器) Low-Cost 3.3V Spread Aware垄芒 Zero Delay Buffer Low-Cost 3.3V Spread Aware⑩ Zero Delay Buffer Low-Cost 3.3V Spread Aware?Zero Delay Buffer
|
Cypress Semiconductor Corp.
|